Part Number Hot Search : 
GI7810 C2012X7R 0N1TR DG9408 35312 EXB1XXXX BLF571 0XS18D7
Product Description
Full Text Search
 

To Download MM-1244-85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM-1244 SERIES
The filter is designed to operate in high current applications of 48 Vdc telecommunication systems. The compact size makes it easy to fit into systems with limited space allocations. Our standard construction is more than adequate for most installation environments. Should your application require operation in a more severe environment, JMK's engineering staff can Easily modify the mechanical construction to meet the most severe design criteria. Order p/n: MM-1244-60 = 60 amp MM-1244-85 = 85 amp
Operating Voltage = 48 Vdc Operating Current (Max) = 60, 85 Amp Temperature Range(Storage) = -55 TO 85 C Temperature Range(Operating) = -20 TO 50 C Diel. Withstanding Voltage (Term - Case) = 1500 Vdc Diel. Withstanding Voltage ( + to - ) = 707 Vdc Approvals: UL, CSA- NRTL, TUV
USA EUR
JMK Inc 15 Caldwell Dr. Amherst, NH 03031 JMK Inc Glasgow G13 1DN Scotland UK
PH: 603 886-4100 FX: 603 886-4115 email: info@jmkfilters.com PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884


▲Up To Search▲   

 
Price & Availability of MM-1244-85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X